Part Number Hot Search : 
SPX4041N 20ETTTS 78T12 74HC03N TLE42 2SC5859 TMP35GS 03542
Product Description
Full Text Search
 

To Download KTB2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 11. 16 1/3 semiconductor technical data KTB2510 epitaxial planar pnp transistor revision no : 1 high power amplifier darlington application. features  complementary to ktd1510  recommended for 60w audio amplifier output stage. maximum rating (ta=25 1 ) 1. base 2. collector 3. emitter to-3p(n) c g l k h a d b e f i d p pt m j q 123 a 15.9 max millimeters dim b 4.8 max c 20.0 0.3 d 2.0 0.3 d 1.0+0.3/-0.25 e2.0 f1.0 g 3.3 max h9.0 i4.5 j 2.0 k 1.8 max l 20.5 0.5 p 5.45 0.2 q 3.2 0.2 t 0.6+0.3/-0.1 2.8 m + _ + _ + _ + _ + _ electrical characteristics (ta=25 1 ) characteristic symbol rating unit collector-base voltage v cbo -160 v collector-emitter voltage v ceo -150 v emitter-base voltage v ebo -5 v collector current i c -10 a base current i b -1 a collector power dissipation (tc=25 1 ) p c 100 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-160v, i e =0 - - -100  a emitter cut-off current i ebo v eb =-5v, i c =0 - - -100  a collector-emitter breakdown voltage v (br)ceo i c =-30ma, i b =0 -150 - - v dc current gain h fe v ce =-4v, i c =-7a 5000 - - collector-emitter saturation voltage v ce(sat) i c =-7a, i b =-7ma - - -2.5 v base-emitter saturation voltage v be(sat) i c =-7a, i b =-7ma - - -3.0 v transition frequency f t v ce =-12v, i c =-2a - 50 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 230 - pf collecto r base emitter 70 ? equivalent circuit
1999. 11. 16 2/3 KTB2510 revision no : 1 c collector current i (a) -6 -8 -4 -2 -1 collector-emitter saturation 0 ce(sat) -0.2 base current i (ma) b 0 base-emitter voltage v (v) be v - i i - v ce collector-emitter voltage v (v) 0-2 -10 c 0 collector current i (a) -6 -4 -6 -2 -4 -8 ce c i =-0.4ma b -0.6ma -0.8ma -1.0ma -1.2ma -1.5ma -2.0 m a -10ma -2.5ma -0.5 -1 -5 -10 -50 -100 -200 -2 -3 voltage v (v) i =-5a c -1 -2 -2.5 -10 125 c (c ase t e mp) 25 c (case t e mp) -30 c ( case t e mp) ce(sat) b i - v be c r - t time t (s) 10 3 th(t) transient thermal resistance 0.1 th(t) 0.5 1 1000 500 -10 -0.5 -0.2 collector current i (a) c h - i fe c fe dc current gain h -1 -5 5000 10000 50000 125 c 25 c -30 c r ( c/w) -3 10 -2 -1 10 1 2 t transition frequency f (mhz) collector current i (a) 0.02 0 20 60 c 100 f - i tc 0.05 0.1 0.5 1 5 10 40 80 typ. v =-12v ce v =-4v ce ce v =-4v i =-7a c i =-10a c
1999. 11. 16 3/3 KTB2510 revision no : 1 safe operating area ce collector-emitter voltage v (v) -3 -5 -10 -50 c collector current i (a) -100 300 -0.05 -0.1 -0.5 -1 -5 -10 -30 100ms * 10ms * i max.(pulsed) * c dc operation ta=25 c 50 pc - ta ambient temperature ta ( c) c collector power dissipation p (w) 025 3.5 50 100 100 75 125 150 (2) (1) (1) tc=ta infinite heat sink (2) no heat sink in temperature linearly with increase curves must be derated pulse ta=25 c * single nonrepetitive


▲Up To Search▲   

 
Price & Availability of KTB2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X